Part Number Hot Search : 
A5800924 27011 MUR480ES D1120 TD111 TXV2N IDT72T5 XF001
Product Description
Full Text Search
 

To Download 2N7002K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002K
N-Channel Enhancement Mode Power MOSFET
P b Lead(Pb)-Free
1 GATE 3 DRAIN
*
* Gate Pretection Diode
SOURCE 2
DRAIN CURRENT 640m AMPERES DRAIN SOURCE VOLTAGE 60 VOLTAGE
Description:
The 2N7002K utilized advanced processing techniques to achieve the lowest possible on-resistance, extr nt and cost-e ectiveness device. The 2N7002K is universally used for all commercialindustrial applications.
3 1 2
Features:
*Simple Drive Requirement *Small Package Outline
SOT-23
Maximum Ratings(TA=25
Rating
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current 3,V GS @10V(TA ,V GS @10V(TA Pulsed Drain Current 1, 2 Tota l Po wer Dis s ipation(T A =25C ) Maximum Junction-ambient
3
Unless Otherwise Specified) Symbol
V DS VG S ID I DM PD R JA TJ Tstg
ESD
Value
60 20 640 500 950 1.38 90 +150 -55~+150
2500
Unit
V
mA
W C/W C C
V
Operating Junction Temperature Range Storage Temperature Range
Gate-Source ESD Rating (HBM, Method 3015)
Device Marking
2N7002K = RK
WEITRON
http:www.weitron.com.tw
1/6
Rev.A 07-Aug-08
2N7002K
Electrical Characteristics (TA = 25C Unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
Static
Drain-Source Breakdown Voltage V G S =0, ID =250A Gate-Source Threshold Voltage V DS =V G S , ID =250A Gate-Source Leakage Current V G S = 20 V Drain-Source Leakage Current(Tj=25C) V DS =60V,VG S =0 Drain-Source Leakage Current(Tj=70C) V DS =48V,V G S =0 Drain-Source On-Resistance V G S =10V,I D =500mA V G S =4.5V,I D =200mA Forward Transconductance V DS =10V, I D =600mA g fs R DS(on) IDS S 100 V (BR)DSS V G S(Th) IG S S 60 1.0 V 3.0 10 1 A A
-
600
2 4 -
mS
Dynamic
Input Capacitance VGS=0V, VDS=25V, f=1.0MHz Output Capacitance VGS=0V, VDS=25V, f=1.0MHz Reverse Transfer Capacitance VGS=0V, VDS=25V, f=1.0MHz Ciss Coss Crss 32 8 6 50 pF
http:www.weitron.com.tw
WEITRON
2/6
21-Nov-06
2N7002K
Switching
Turn-on Delay Time2 VDS=30V,VGS=10V,ID=600mA,RD=52,RG=3.3 Rise Time VDS=30V,VGS=10V,ID=600mA,RD=52,RG=3.3 Turn-off Delay Time VDS=30V,VGS=10V,ID=600mA,RD=52,RG=3.3 Fall Time VDS=30V,VGS=10V,ID=600mA,RD=52,RG=3.3 Total Gate Charge2 VDS=50V,VGS=4.5V,ID=600mA Gate-Source Charge VDS=50V,VGS=4.5V,ID=600mA Gate-Drain Change VDS=50V,VGS=4.5V,ID=600mA t d(on) 12 10 59 29 1 0.5 0.5 ns t d (off ) 1.6 nC
tr
tf
Qg Q gs Q gd
Source-Drain Diode Characteristics
Forward On Voltage 2
VGS =0V, IS =200mA
VSD
-
-
1.2
V
Note: 1. Pulse width limited by Max, junction temperature. 2. pulse width300s, duty cycle2%. 3. Surface mounted on 1 in2 copper pad of FR4 board; 270/W when mounted on min, copper pad.
http:www.weitron.com.tw
WEITRON
3/6
21-Nov-06
2N7002K
WEITRON
http://www.weitron.com.tw
4/6
21-Nov-06
2N7002K
WEITRON
http://www.weitron.com.tw
5/6
21-Nov-06
2N7002K
SOT-23 Outline Dimension
SOT-23
A
TOP VIEW D E G H
B
C
K J L M
Dim A B C D E G H J K L M
Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076
Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
WEITRON
http://www.weitron.com.tw
6/6
21-Nov-06


▲Up To Search▲   

 
Price & Availability of 2N7002K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X